Part Number Hot Search : 
AMS2908 75M50 7C516 TIP120G TIP120G A12181 KT961 MAX5097
Product Description
Full Text Search
 

To Download SDT60GK08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD/SDT60
Thyristor-Diode Modules, Diode-Thyristor Modules
Dimensions in mm (1mm=0.0394") Type VRSM VDSM V 900 1300 1500 1700 1900 VRRM VDRM V 800 1200 1400 1600 1800
STD/SDT60GK08 STD/SDT60GK12 STD/SDT60GK14 STD/SDT60GK16 STD/SDT60GK18
Symbol ITRMS, IFRMS TVJ=TVJM ITAVM, IFAVM TC=85oC; 180o sine TVJ=45oC VR=0 ITSM, IFSM TVJ=TVJM VR=0
2
Test Conditions
Maximum Ratings 100 60
Unit A
t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine repetitive, IT=150A
1500 1600 1350 1450 11200 10750 9100 8830 150
A
i dt
TVJ=45oC VR=0 TVJ=TVJM VR=0
A2s
TVJ=TVJM f=50Hz, tp=200us (di/dt)cr VD=2/3VDRM IG=0.45A diG/dt=0.45A/us (dv/dt)cr PGM PGAV VRGM TVJ TVJM Tstg VISOL Md Weight 50/60Hz, RMS _ IISOL<1mA
A/us non repetitive, IT=ITAVM 500 1000 10 5 0.5 10 -40...+125 125 -40...+125 t=1min t=1s 3000 3600 2.5-4.0/22-35 2.5-4.0/22-35 90 V/us W W V
o
TVJ=TVJM; VDR=2/3VDRM RGK= ; method 1 (linear voltage rise) TVJ=TVJM IT=ITAVM tp=30us tp=300us
C
V~ Nm/lb.in. g
Mounting torque (M5) Terminal connection torque (M5) Typical including screws
STD/SDT60
Thyristor-Diode Modules, Diode-Thyristor Modules
Symbol Test Conditions Characteristic Values 5 1.57 0.85 3.7 VD=6V; VD=6V; TVJ=TVJM;
o
Unit mA V V m V mA V mA mA mA us us uC A K/W K/W mm mm m/s2
IRRM, IDRM TVJ=TVJM; VR=VRRM; VD=VDRM VT, VF VTO rT VGT IGT VGD IGD IL IH tgd tq QS IRM RthJC RthJK dS dA a per thyristor/diode; DC current per module per thyristor/diode; DC current per module Creeping distance on surface Strike distance through air Maximum allowable acceleration TVJ=25 C; tp=10us; VD=6V IG=0.45A; diG/dt=0.45A/us TVJ=25oC; VD=6V; RGK= TVJ=25 C; VD=1/2VDRM IG=0.45A; diG/dt=0.45A/us TVJ=TVJM; IT=150A; tp=200us; -di/dt=10A/us VR=100V; dv/dt=20V/us; VD=2/3VDRM TVJ=TVJM; IT, IF=50A; -di/dt=3A/us typ.
o
IT, IF=200A; TVJ=25 C For power-loss calculations only (TVJ=125oC)
o
o
TVJ=25 C TVJ=-40oC TVJ=25oC TVJ=-40oC VD=2/3VDRM
1.5 1.6 100 200 0.2 10 450 200 2 150 100 24 0.45 0.225 0.65 0.325 12.7 9.6 50
FEATURES
* International standard package * Copper base plate * Planar passivated chips * Isolation voltage 3600 V~
APPLICATIONS
* DC motor control * Softstart AC motor controller * Light, heat and temperature control
ADVANTAGES
* Space and weight savings * Simple mounting with two screws * Improved temperature and power cycling * Reduced protection circuits
STD/SDT60
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 1 Surge overload current ITSM, IFSM: Crest value, t: duration
Fig. 2 i2dt versus time (1-10 ms)
Fig. 2a Maximum forward current at case temperature
10 1: IGT, TVJ = 125 C
V
VG
2: IGT, TVJ = 25 C 3: IGT, TVJ = -40 C
3 1 1 4 2 5 6
4: PGAV = 0.5 W IGD, TVJ = 125 C 0.1 100 101 102 5: PGM = 5W 6: PGM = 10 W 103 IG
mA 104
Fig. 3 Power dissipation versus on-state current and ambient temperature (per thyristor or diode)
Fig. 4 Gate trigger characteristics
1000 TVJ = 25 C
s
tgd typ. 100 Limit
10
3 x STD/SDT60
1 10
100 IG
mA
1000
Fig. 5 Three phase rectifier bridge: Power dissipation versus direct output current and ambient temperature
Fig. 6 Gate trigger delay time
STD/SDT60
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 7 Three phase AC-controller: Power dissipation versus RMS output current and ambient temperature
3 x STD/SDT60
STD/SDT60
Fig. 8 Transient thermal impedance junction to case (per thyristor or diode) RthJC for various conduction angles d: d DC 180oC 120oC 60oC 30oC RthJC (K/W) 0.45 0.47 0.49 0.505 0.52
Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.014 0.026 0.41 ti (s) 0.015 0.0095 0.175
STD/SDT60
Fig. 9 Transient thermal impedance junction to heatsink (per thyristor or diode) RthJK for various conduction angles d: d DC 180oC 120oC 60oC 30oC RthJK (K/W) 0.65 0.67 0.69 0.705 0.72
Constants for ZthJK calculation: i 1 2 3 4 Rthi (K/W) 0.014 0.026 0.41 0.2 ti (s) 0.015 0.0095 0.175 0.67


▲Up To Search▲   

 
Price & Availability of SDT60GK08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X